Part Number Hot Search : 
AM29F0 ALFY455E DU222 256574 CXA3171N AO4488 D4235G MC1558SG
Product Description
Full Text Search
 

To Download 2C3866A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2C3866A
Chip Type 2C3866A Geometry 1007 Polarity NPN
Generic Packaged Parts: 2N3866, 2N3866A
Chip type 2C3866A by Semicoa Semiconductors provides performance similar to these devices.
Part Numbers: 2N3866A, 2N3866, 2N3866AUB, SD3866A, SD3866AF, SQ3866A, SQ3866AF
Product Summary: APPLICATIONS: Designed for amplifier,
frequency multiplier and oscillator applications. Suitable for output, driver and predriver stages in VHF and UHF equipment.
Features: Special Characteristics: ft = 950 MHz (type) at 50 mA/15V
Mechanical Specifications
Metallization Bonding Pad Size Die Thickness Chip Area Top Surface Top Backside Emitter Base Al - 15 kA min. Au - 6.5 kA nom. 3.4 mils x 3.0 mils 3.4 mils x 3.0 mils 8 mils nominal 15 mils x 20 mils Silox Passivated
Electrical Characteristics
TA = 25oC
Parameter Test conditions Min Max Unit
BVCEO IC = 5.0 mA 30 --V dc BVCBO IC = 100 A 55 --V dc BVCER IC = 5.0 mA, RBE = 10 Ohms 55 --V dc BVEBO IE = 100 A 3.5 --V dc ICEO VCE = 28 V, VEB = 2.0 V --20 A hFE1 IC = 360 mA dc, VCE = 5.0 V 5.0 ----hFE2 IC = 50 mA dc, VCE = 5.0 V 10 200 --Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less than 300 s, duty cycle less than 2%.


▲Up To Search▲   

 
Price & Availability of 2C3866A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X